Part Number Hot Search : 
CEM2407 TSOP382 DCH2812D 01201 2005B 0HSR3 0000A P6KE30
Product Description
Full Text Search
 

To Download NX5032GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Units
NX5032GA / NX5032GB
n Features
A small surface-mount type crystal unit, suitable for OA (office automation) and AV (audiovisual) applications. Compatible with low frequencies starting from 8MHz. (NX5032GA : 5.0 x 3.2 x 1.3mm typ.) lExcellent electrical performance, ideal for OA and AV applications. lLead-free. Meets the requirements for re-flow profiling using lead-free solder. lNX5032GA supports low frequencies starting from 8MHz. lNX5032GB supports low height mounting (product height: 1.0mm typ.).
For OA / AV
n Specifications
Item Frequency Range Overtone Order Frequency Tolerance (25 3) Temperature Characteristics (with reference to +25C) Operating Temperature Range Equivalent Series Resistance Drive Level Load Capacitance Model NX5032GA 8 to 55MHz Fundamental 20 x 10-6 30 x 10-6 -10 to +70 Refer to *1 50W(Max:500W) 8pF NX5032GB 12 to 55MHz Fundamental 20 x 10-6 30 x 10-6 -10 to +70 Refer to *1 50W(Max:500W) 8pF
The above specifications are standard for this NDK product. Custom-made specifications such as load capacitance and temperature characteristics are also available. Please contact NDK sales with your enquiries.
n How to Specify an Order
When ordering our products, specify them with an "Ordering Code" that consists of the following : Model name - Frequency (Max : 9 digits) M - Number for specifying an order Example NX5032GA-12.000M-STD-CSK-4
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
n Dimensions
5.0 0.2
*1 Equivalent Series Resistance
mm
Internal connections(TOP VIEW)
Frequency (MHz) (Range) 8 to 9.5 9.5 to 10 10 to 20 20 to 30 30 to 55
Equivalent Series Resistance max.[] 300 150 120 70 50
H
3.2 0.2
NX5032GA : H=1.30.2 NX5032GB : H=1.00.2
Reference land pattern
2.0
2.0 1.3 6.0
2.4
cu27_071108_NX5032GA_e1


▲Up To Search▲   

 
Price & Availability of NX5032GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X